Part Number Hot Search : 
SPC5603 KBPC3502 M35V5 C330K LVC257A 50006 1040D FSS232
Product Description
Full Text Search
 

To Download 856062-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data sheet part number 856062 140 mhz saw filter features ? for if applications ? typical 3 db bandwidth of 0.75 mhz ? high attenuation ? single-ende d operation ? ceramic surface mount package (smp) ? replaces s a wtek p/n 851902 (bw 3db = 0.75mhz) ? hermetic ? rohs comp liant (2002/9 5 /ec), pb-free ? packag e pin configuration surface mount 19.00 x 6.50 x 1.75 mm bottom vie w 10 9 8 7 6 5 4 3 2 1 pin no. d escription 5 r f o u t p u t 1 0 r f i n p u t 1 , 6 g r o u n d 2 , 3 , 4 c a s e g r o u n d 7 , 8 , 9 c a s e g r o u n d r0. 5 1 1. 91 2. 31 1. 02 1. 80 0. 76 19. 0 6. 50 1. 75 no m. 1. 96 m ax. dimens io ns sh o w n ar e nomi n al in mil limet ers all toler ances are 0.1 5 mm e x ce pt overa ll len g th an d w i dt h + 0 .15mm/-0.10mm body : al 2 o 3 ceramic lid: kovar , ni plate d t e rminations: au plati ng 0.5 - 1.0 m, over a 2 - 6 m ni plati n g pb subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 10-oct-2 005 pag e 1 o f 5
preliminary data sheet part number 856062 140 mhz saw filter electrical specifications (1) operating temperature range: (2) 0 to +70 o c parameter (3) minimum t y pical maximum unit center fre quenc y - 1 4 0 - m h z minimum insertion loss - 2 0 . 8 2 3 d b low er 1 db bandedge (4) upper 1 db bandedge - 140.195 139.722 140.264 139.805 - mhz mhz low er 3 db bandedge (4) upper 3 db bandedge - 140.324 139.606 140.376 139.676 - mhz mhz low er 40 d b bandedg e (4) upper 40 db bandedg e 139.035 - 139.123 140.912 - 140.965 mhz mhz amplitude variation 139.805 - 140.195 mhz - 0.44 1 db p-p phase linearity 139.805 - 140.195 mhz - 0.95 4 deg p-p group dela y variation 139.805 - 140.195 mhz - 62 240 ns p-p relative attenuation (4) 15 - 138.5 mhz 141.5 - 155 mhz 155 - 219 mhz 219 - 239 mhz 239 - 248 mhz 248 - 268 mhz 268 - 350 mhz 50 43 48 - 48 - 50 59.6 54.5 59.3 13.8 62.6 14.0 66.0 - - - - - - db db db db db db terminating source impedance (5) - 5 0 - ? - 5 0 - ? 1. all spec ificatio ns are bas ed o n the test circui t sho w n be lo w 2. in producti on, devic es w i l l be tested at room temperatur e to a guar db and ed specific ati on to ensur e el ectrical com p li anc e ove r temperatur e 3. electrical m a rg in has b e e n bui lt into the des ig n to accou n t for the variatio ns due to temper ature an d man u facturin g toler anc es 4. all attenu atio n measur em ents are measur ed relativ e to mini mum inserti on l o ss 5. t h is is the optimum impe dan ce in ord e r to a c hiev e the perf o rmanc e sho w n test circuit: actual matchi n g valu es ma y v a r y d ue to pcb la yout an d par asitics 50 ? sing le-e nd ed 1, 2, 3, 4 6, 7, 8, 9 50 ? 22pf 22nh 10 5 50 ? subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 10-oct-2 005 pag e 2 o f 5
preliminary data sheet part number 856062 140 mhz saw filter typical performance (at +25 o c) subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 10-oct-2 005 pag e 3 o f 5
preliminary data sheet part number 856062 140 mhz saw filter matching schematics actual matchi n g valu es ma y v a r y d ue to pcb la yout an d par asitics 50 ? sing le-e nd ed 1, 2, 3, 4 6, 7, 8, 9 50 ? 22pf 22nh 10 5 50 ? marking pcb footprint xxxxxx 856062 sawtek date code id dot 2.5 1 6.70 8.8 6 .69 1. 22 2. 0 0 t he date code consists of: da y of the curre nt y e ar (juli an, 3 dig i ts), last digit of the y e ar (1 dig i t) and h o u r (2 dig i ts) t h is footprint repres ent s a re commen datio n onl y dimens io ns sh o w n ar e nomi n al in mil limet ers tape and reel ?1.5 12 .0 2. 3 4. 0 0. 3 2. 0 0. 20 se ct ion a-a 7. 1 19. 6 r0 .7 5 1. 75 ?1.5 14 . 2 28 . 4 32. 0 a a id d o t d i rect io n of t r avel ?33 0 ? 102 2. 7 ?1 3. 0 ? 20. 2 2. 0 32. 8 dimens io ns sh o w n ar e nomi n al in mil limet ers packag i ng qua ntit y : 20 00 u n it s/reel subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 10-oct-2 005 pag e 4 o f 5
preliminary data sheet part number 856062 140 mhz saw filter maximum ratings parameter sy m bol minimum maximum unit operating temperature range t 0 +70 o c storage temperature range t stg - 4 0 + 8 5 o c important note s warnings ? electrostatic sensitive device (esd) ? avoid ultrasonic exposu r e rohs co mpliance ? this product complies with eu directive 2002/95/ec (rohs) solderability ? compatible with jedec j-std-020c pb -free process, 260 c peak reflo w temperatu r e ( see solde r ing p r ofile ) links to additional technical information pcb layout tips qualification flowcha r t soldering profile s-parameters rohs information other te ch ni cal inform atio n saw t ek?s liability is lim ited only to t he surface acou stic wave (saw) component(s) d e scribed in this d a ta sheet. sa w t ek does n ot accept any liability for applications, processes, circuits o r asse mblies, w h ich are implement ed using an y sa w t ek compo nent described in this data sheet. contact information po box 6095 01 orlan do, fl 3 2860 -95 01 usa phone: +1 (4 07) 88 6-886 0 fax: +1 (40 7 ) 886-7 061 email: cust se rv ice @ sa wt e k . c o m web: www.s awtek . c o m or conta c t on e of our wo rld w ide network of sales offices , rep r e s entativ es or di stri but ors pb subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 10-oct-2 005 pag e 5 o f 5


▲Up To Search▲   

 
Price & Availability of 856062-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X